PART |
Description |
Maker |
MICROFOX-F-ESD |
Ergonomically designed two-component handles for fatigue-proof and non-slip use
|
PHOENIX CONTACT
|
MICROFOX-E |
Ergonomically designed two-component handles for fatigue-proof and non-slip use
|
PHOENIX CONTACT
|
MICROFOX-F-ESD-DB |
Ergonomically designed two-component handles for fatigue-proof and non-slip use
|
PHOENIX CONTACT
|
SF-THEX-8-200 |
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 8 x 200 mm, ergonomically shaped handle, matt chrome-plated
|
PHOENIX CONTACT
|
IR1150 IR1150PBF IR1150ISTRPBF |
One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Consumer market One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Industrial market.
|
International Rectifier
|
TC1029EUA TC1029 TC1029EOA TC1029EPA |
The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from ... The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from a single supply, however, operation from dual supplies is also possible, and the power supply current drai Linear Building Block - Dual Low Power Op Amp
|
MICROCHIP[Microchip Technology]
|
S1T2410B01 S1T2410B02 DS_S1T2410B01 S1T2410B02-D0B |
From old datasheet system bipolar integrated circuit designed as a telephone bell replacement Low drain current,Adjustable 2-frequency tone,Built-in hysteresis bipolar integrated circuit designed as telephone bell replacement
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
KIC9321F-008 |
CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系统FM/MW/LW波段调谐的CMOS大规模集成电 CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系FM/MW/LW波段调谐的CMOS大规模集成电 的CMOS大规模集成电路设计调中波/龙运的锁相环频率合成系统的无线电(用于锁相环频率合成系统调频/中波/龙运波段调谐的的CMOS大规模集成电路)
|
KEC Holdings
|
1240P500R00JKB 1240W500R00JKB 1240X500R00JKB 1240W |
Bulk Metal? Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal庐 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal垄莽 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal㈢ Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to
|
Vishay Siliconix
|
XT0012 |
Designed to meet IR 235°C peak requirement ADSL Transformer For Fujitsu Designed to meet IR 235掳C peak requirement ADSL Transformer For Fujitsu Designed to meet IR 235∑C peak requirement ADSL Transformer For Fujitsu
|
List of Unclassifed Manufacturers ETC[ETC]
|
2SD1384 2SD1930 2SB1505 2SD2004 2SD1809 2SA1619 2S |
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE From old datasheet system 1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE .2W封装形式的录音晶体管设计为与安使用自动配置MECHINE 2SD1929
|
ROHM[Rohm] ETC Nais(Matsushita Electric Works) Rohm CO.,LTD. Rohm Co., Ltd.
|